Part Number Hot Search : 
M204SD 120H2M5A RJK0362 TB1012F MM3Z5543 04597 10LFT D2454
Product Description
Full Text Search
 

To Download NSL-4542 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TO-5 Photocells
Plastic Encapsulated
Features * Five Photoconductive Materials * Tolerance: 40% @1 ftc, 33% @ 2 ftc Description The Silonex TO-5 series of photocells provide up to seven standard resistance ranges in CdS or CdSe materials. Most of these devices are also available in a hermetic package. Absolute Maximum Ratings Operating & Storage Temperature Power Dissipation @ 25C (1) -60C to +75C 125 mW
7.0 - 7.5
31 Min. Lead dia. 0.50 - 0.52
4.9 - 5.2 Shoulder 1.4 max dia. x 0.7 max high 1.8 - 2.4*
6.1 - 6.6
* Note: Available as 3.0 mm thick, on special order only.
Dimensions in mm.
Electrical Characteristics (TA=25C, source at 2854K ) Silonex Sensitive Spectral R @ 1 ftc R @ 2 ftc RTYP @ 100 ftc Min. RDARK VMAX (Volts) Part No Material Peak (nm) (Kohms) (3) (Kohms) (3) (ohms) (Mohms) (2) (peak AC or DC) 120 2.5 1,000 43 NSL-4512 120 1.0 400 18.6 NSL-4522 120 0.40 230 8.0 NSL-4532 Type 4 120 0.10 120 3.5 515 NSL-4542 CdS 320 20.0 8,000 330 NSL-4552 320 10.0 4,600 155 NSL-4562 320 4.0 3,800 65 NSL-4572 120 0.22 300 3.3 NSL-5512 120 0.67 700 10 NSL-5522 320 11.0 10,000 165 NSL-5532 Type 5 120 20.0 1,000 30 550 NSL-5542 CdS 120 10.0 1,000 30 (4) NSL-5552 120 10.0 1,200 37.5 (5) NSL-5562 120 1.0 2,000 47.5 (6) NSL-5572 120 0.40 50 0.60 NSL-6512 Type 6 120 0.80 NSL-6522 690 1.2 100 CdSe 320 20.0 NSL-6532 30 2,000 NSL-7512 2.7 250 0.45 120 NSL-7522 5.4 500 0.90 120 Type 7 NSL-7532 615 10 500 6.7 120 CdS NSL-7542 100 5,000 67.0 250 NSL-7552 600 20,000 400.0 320 Specifications subject to change without notice. 103259 REV 2 Notes: (1) derate linearly to zero at 75C. (2) 5 sec. after removal of test light (3) cells light adapted at 30 to 50 Ftc for 16 hrs minimum prior to electrical tests. (4) 50% (5) 60% (6) 70%
2 Cogan Ave, Plattsburgh NY, 12901, USA Tel: 518-561-3160 Fax: 514-747-3906
Northwich, Cheshire CW9 7TN, United Kingdom Tel: 01606-41999 Fax: 01606-49706
2150 Ward, Montreal QC, H4M 1T7, Canada Tel: 514-744-5507 Fax: 514-747-3906


▲Up To Search▲   

 
Price & Availability of NSL-4542

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X